tpcp8001 - h 2004 - 12 - 13 1 toshiba field effect transistor silicon n channel mos type (ultra high speed u - mos iii ) tpcp8001 - h high speed and high efficiency dc - dc converters notebook pc applications portable equipment applications small footprint due to small and thin package high speed switching small gate charge: qsw = 11 nc ( typ. ) low drain - source on resistance : r ds (on) = 13 m o (typ.) high forward transfer admittance: |y fs | = 16 s (typ.) low leakage current : i dss = 10 a (max) (v ds = 30v) enhancement mode : v th = 1.1 to 2.3 v (v ds = 10 v, i d = 1 ma) maximum ratings (ta = 25c) characteristics symbol rating unit drain - source voltage v dss 30 v drain - gate voltage (r gs = 20 k w ) v dgr 30 v gate - source voltage v gss 20 v dc (note 1) i d 7.2 drain current pulsed (note 1) i dp 28.8 a drain power dissipation (t = 5 s) (note 2a) p d 1.68 w drain power dissipation (t = 5 s) (note 2b) p d 0.84 w single pulse avalanche energy (note 3) e as 33.6 mj avalanche current i ar 7.2 a repetitive ava lanche energy (tc=25 ?? ) (note 4) e ar 0.168 mj channel temperature t ch 150 c storage temperature range t stg - 55 to 150 c note: for (note 1), (note 2), (note 3), (note 4), please refer to the next page. this transistor is an electrostatic sensitive device. please han dle with caution. unit : mm jedec ? jeita ? toshiba 2 - 5q1a weight: 0.080 g (typ.) circuit configuration 8 6 1 2 3 7 5 4 1,2,3 ?f source 4 ?f gate 5,6,7,8 ?f drain tentative 0.025 2.4?}0.1 0.8?}0.05 0.33?}0.05 0.475 0.65 0.17?}0.02 2.8?}0.1 s a b b 0.05 m ?@ 2.9?}0.1 0.28 +0.1 -0.11 1.12 +0.13 -0.12 s 0.33?}0.05 0.05 a + m
tpcp8001 - h 2004 - 12 - 13 2 thermal characteristics characteristics symbol m ax unit thermal resistance, channel to ambient (t = 5 s) (note 2a) r th (ch - a) 74.4 c /w thermal resistance, channel to ambient (t = 5 s) (note 2b) r th (ch - a) 148.8 c /w marking (note 5 ) note 1: please use devices on condition that the channel temperature is below 150 c. note 2: (a) device mounted on a glass - epoxy board (a) (b) device mounted on a glass - epoxy board (b) note 3: v dd = 24 v, t ch = 25 c (initial), l = 0.5 mh, r g = 1 w , i ar = 7.2 a note 4: repetitive rating: pulse width limited by max channel temperature note 5: (a) fr - 4 25.4 25.4 0.8 (unit: mm) (b) fr - 4 25.4 25.4 0.8 (unit: mm) * weekly code: (three digits) week of manufacture (01 for first week of year, continues up to 52 or 53) year of manufacture (one low - order digits of calendar year) ?| type 8001h lot no.
tpcp8001 - h 2004 - 12 - 13 3 electrical characteristics (ta = 25 c) characteristics symbol test condition min typ. max unit gate leakage curren t i gss v gs = 16 v, v ds = 0 v ? ? 10 m a drain cut - off current i dss v ds = 30 v, v gs = 0 v ? ? 10 m a v (br) dss i d = 10 ma, v gs = 0 v 30 ? ? drain - source breakdown voltage v (br) dsx i d = 10 ma, v gs = - 20 v 15 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 1.1 ? 2.3 v v gs = 4.5 v , i d = 3.6 a ? 19 25 drain - source on resistance r ds (on) v gs = 10 v , i d = 3.6 a ? 13 16 m w forward transfer admittance |y fs | v ds = 10 v , i d = 3.6 a 10 19 ? s input capacitance c iss ? 640 ? reverse transfer capacitance c rss ? 75 ? output capacitance c oss v ds = 10 v , v gs = 0 v , f = 1 mh z ? 300 ? pf rise time t r ? 4 ? turn - on time t on ? 8 ? fall time t f ? 4 ? switching time turn - off time t off duty < = 1% , t w = 10 m s ? 18 ? ns v dd ~ - 24 v , v gs = 10 v , i d = 7.2a ? 11 ? total gate charge (gate - source plus gate - drain) q g v dd ~ - 24 v , v gs = 5 v , i d = 7.2a ? 6.3 ? gate - source charge 1 q gs1 ? 2.2 ? gate - drain ( ? miller ? ) charge q gd ? 2.6 ? gate switch charge q sw v dd ~ - 24 v , v gs = 10 v , i d = 7.2a ? 3.6 ? nc source - drain ratings and characteristics (ta = 25 c) characteristics symbol test condition min typ. max unit drain reverse current pulse ( note 1 ) i drp ? ? ? 28.8 a forward voltage (diode) v dsf i dr = 7.2 a, v gs = 0 v ? ? - 1.2 v r l = 4.16 w v dd ~ - 15 v 0 v v gs 10 v 4.7 w i d = 3.6 a v out
tpcp8001 - h 2004 - 12 - 13 4 the information contained herein is subject to change without notice. the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringements of patents or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of toshiba or others. toshiba is continually wo rking to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, w hen utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system , and to avoid situations in which a malfunction or failure of such toshiba product s could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ? handling guide for semiconductor devices, ? or ?toshiba semiconductor reliability h andbook? etc.. the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may ca use loss of human life or bodily injury ( ? unintended usage ? ). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical ins truments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer ? s own risk. toshiba products should not be embedded to the downstream products which are prohibited to be produced and s old, under any law and regulations. 030619eaa restrictions on product use
|